PART |
Description |
Maker |
TPCA8014-H TPCA8014-H06 |
High-Efficiency DC拢炉DC Converter Applications High-Efficiency DC/DC Converter Applications 30 A, 40 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Toshiba Semiconductor
|
CAT36430710 CAT3643HL1-T2 CAT3643HV3-GT2 CAT3643HV |
3-Channel Ultra High Efficiency Quad-Mode⑩ LED Driver 3-Channel Ultra High Efficiency Quad-Mode?/a> LED Driver 3-Channel Ultra High Efficiency Quad-Mode LED Driver 3-Channel Ultra High Efficiency Quad-Mode垄芒 LED Driver
|
Catalyst Semiconductor
|
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
HER108 HER106 HER107 |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V) HIGH EFFICIENCY RECTIFIER Reverse Voltage - 50 to 1000 Volts, Forward Current - 1.0Amperes
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor] Chenyi Electronics
|
MIC2843A |
High-Efficiency 6-Channel Linear WLED Driver
|
Micrel Semiconductor
|
TPC8006-H |
Field Effect Transistor Silicon N Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Portable Equipment Applications Notebook PC Applications
|
TOSHIBA
|
ADP1147AR-5 ADP1147AN-33 ADP1147AN-5 ADP1147AR-33 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Step-Down Switching Regulator Controllers
|
Analog Devices, Inc.
|
MAX1566-MAX1567 |
Six-Channel / High-Efficiency / Digital Camera Power Supplies
|
MAXIM - Dallas Semiconductor
|
MIC2860-2PYC6 MIC2860-2PYD6 |
High Efficiency 2 Channel WLED Driver with PWM Control
|
Micrel Semiconductor
|
CM9320-01DE CM9320 |
Asymmetrical High Efficiency Two Channel Boost LED Driver
|
CALMIRCO[California Micro Devices Corp]
|
MAX1566-MAX1567 MAX1566 MAX1567 |
Six-Channel, High-Efficiency, Digital Camera Power Supplies
|
MAXIM[Maxim Integrated Products]
|